PART |
Description |
Maker |
G65SC22PEI3 G65SC22PEI1 G65SC22PEI2 G65SC22PEI4 G6 |
CMOS VERSATILE INTERFACE ADAPTER WITH INTERVAL TIMER/COUNTERS Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel 的CMOS多功能接口适配器间隔计时器/计数 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 10V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel Peripheral Interface
|
California Micro Devices Co... California Micro Devices Corporation
|
G751-2P8 G751 G751-1P1 G751-2P1 |
Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel Tantalum Conformal-Coated Capacitor; Capacitance: 33uF; Voltage: 6.3V; Packaging: Tape & Reel Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
|
Global Mixed-mode Technology Inc. GMT[Global Mixed-mode Technology Inc]
|
KAB02D100M-TLGP KAB04D100M-TLGP KAB03D100M-TLGP KA |
Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel Multi-Chip Package MEMORY CONNECTOR ACCESSORY Tantalum Conformal-Coated Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel SPECIALTY MEMORY CIRCUIT, PBGA80
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
0561208428 56120-8428 |
Mini-HMC?/a> Female Terminal, for 24-28 AWG, Lead-free, Reel Packaging Mini-HMC Female Terminal, for 24-28 AWG, Lead-free, Reel Packaging MOLEX Connector
|
http:// Molex Electronics Ltd.
|
PT510 PT501 PT510A PT501C PT510C PT501A PT501B |
PHOTOTRANSISTOR | NPN | 800NM PEAK WAVELENGTH | CAN-4.7 光电晶体管|叩| 800NM峰值波长|的CAN - 4.7 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU2405 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL33N15D with Lead Free Packaging such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6610 with Standard Tape and Reel 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Standard Packaging TO-18 Type Narrow Acceptance Phototransistor
|
Sharp Electrionic Components
|
AM29F800BT-90WBC AM29F800BT-55WBI AM29F800BB-55WBE |
and flexible way to implement power solutions for the latest high performance CPUs and ASICs.; Same as IR3087 with bag packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3709Z with Lead Free Packaging 40V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7470 with Lead Free Packaging Complete VR11.0 or AMD PVID power solution.; A IR3505M packaged on tape and reel 3000 per reel 8 PWM 400 KHz Sync Contr in a 8-Pin SOIC(NB) package; A IRU3037ACS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRLZ44NS with Lead Free Packaging The XPHASE Control IC combined with an IR XPhase TM Phase IC provides a full featured and flexible way to implement a complete an Opteron or Athlon 64 power solution.; A IR3082M with Tape and Reel Packaging 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRLL024Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2705 with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 Package; Similar to IRF2807ZL with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3805S with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM XPHASE VRD10 Control IC with VccVid and Overtemp Detect; Similar to IR3080M with Lead Free Packaging on Tape and Reel x8/x16闪存EEPROM XPHASE IC with Fault and Overtemp Detect; Same as the IR3088AM with Tape and Reel Packaging. x8/x16闪存EEPROM 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 70 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 70 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 150 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 150 ns, PDSO44
|
Linear Technology, Corp. ATM Electronic, Corp. Integrated Device Technology, Inc. Advanced Micro Devices, Inc.
|
WAN-0165 |
Safe Handling and Packaging of Tape and Reel Product to be Returned
|
Wolfson Microelectronics plc
|
AM29L510PCB AM29L510/BXC AM29510LMB AM29L510DCB |
and flexible way to implement power solutions for the latest high performance CPUs and ASICs.; Same as IR3086AM with Tape and Reel Packaging Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package; Hi-Rel RAD-Hard, Single, 28V Input DC-DC Converter in LS package Universal Active ORing Controller. Controller / driver IC in an SO-8 package for implementation of Active ORing / reverse polarity protection using N-channel Power MOSFETs.; Similar to IR5001S with Lead-Free packaging. 200V Secondary Side High Speed SR Controller in a 8-Lead SOIC Package. Used to drive N-Channel power MOSFETs used as Synchronous Rectifiers in isolated Flyback converters.; Similar to IR1166SPBF with Tape and Reel Packaging. 乘法累加
|
ITT, Corp.
|
6861XX14122 |
1.0MM ZIF FPC HORIZONTAL TOP CONTACT TYPE - TAPE & REEL PACKAGING
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
TL1270F160REQBT TL1270F250REQBT TL1270F160YEQBT TL |
LED Illumination, Tape & Reel packaging, Right angle design LED Illumination, Tape & Reel packaging, Right angle design
|
E-SWITCH
|
1.5KA30A 1.5KA10 1.5KA10A 1.5KA11 1.5KA11A 1.5KA12 |
AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR Tantalum Conformal-Coated Capacitor; Capacitance: 4.7uF; Voltage: 25V; Case Size: 1.7x3.2 mm; Packaging: Tape & Reel 汽车瞬态电压抑制器 AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR 汽车瞬态电压抑制器 Tantalum Conformal-Coated Capacitor; Capacitance: 2.2uF; Voltage: 25V; Packaging: Tape & Reel Automotive Transient Voltage Suppressor(汽车瞬变电压抑制 Tantalum Conformal-Coated Capacitor; Capacitance: 4.7uF; Voltage: 25V; Case Size: 1.7x3.2 mm; Packaging: Tape & Reel
|
GE Security, Inc. General Semiconductor
|